Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2150CUP-14PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2150CUP-14PBF
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2150CUP-14PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2150CUP-14PBF Datasheet HTML 3Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 4Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 5Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 6Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 7Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 8Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 9Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 10Page - Linear Technology LTC2150CUP-14PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
21521014p
LTC2152-14/
LTC2151-14/LTC2150-14
LTC2152-14: 32K Point FFT, fIN =
907MHz, –1dBFS, 250Msps
LTC2152-14: 32K Point 2-Tone
FFT, fIN = 70.5MHz and 69.5MHz,
250Msps
LTC2152-14: Shorted Input
Histogram
LTC2152-14: IOVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
LTC2152-14: IVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
LTC2152-14: 32K Point FFT, fIN =
421MHz, –1dBFS, 250MHz
LTC2152-14: 32K Point FFT, fIN =
571MHz, –1dBFS, 250MHz
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2152-14: SFDR vs Input
Level, fIN = 70MHz, 1.5V Range,
250Msps
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G10
100
120
–20
INPUT FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G11
100
120
–20
INPUT FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G12
100
120
–20
INPUT FREQUENCY (MHz)
SAMPLE RATE (Msps)
0
15
20
25
30
35
40
45
50
50
100
150
200
250
21521014 G14
LVDS CURRENT
3.5mA
LVDS CURRENT
1.75mA
SAMPLE RATE (Msps)
0
110
120
130
140
150
160
170
50
100
150
200
250
21521014 G15
AMPLITUDE (dBFS)
–80
20
0
40
60
80
100
120
–60
–40
–20
–70
–50
–30
–10
0
21521014 G16
dBFS
dBc
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G09
100
120
–20
INPUT FREQUENCY (MHz)
OUTPUT CODE
8196
0
1000
2000
3000
8200
8204
8208
8212
4000
500
1500
2500
3500
8216
215210 G13


Similar Part No. - LTC2150CUP-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2150-14 LINER-LTC2150-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2150-14 LINER-LTC2150-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2150CUP-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com