Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN2007G Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTN2007G
Description  30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN2007G Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTN2007G Datasheet HTML 1Page - Diodes Incorporated ZXTN2007G Datasheet HTML 2Page - Diodes Incorporated ZXTN2007G Datasheet HTML 3Page - Diodes Incorporated ZXTN2007G Datasheet HTML 4Page - Diodes Incorporated ZXTN2007G Datasheet HTML 5Page - Diodes Incorporated ZXTN2007G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTN2007G
SEMICO NDUC TORS
ISSUE 2 - MAY 2006
5
TYPICAL CHARACTERISTICS


Similar Part No. - ZXTN2007G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2007GTA ZETEX-ZXTN2007GTA Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007GTA DIODES-ZXTN2007GTA Datasheet
437Kb / 7P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTN2007GTC ZETEX-ZXTN2007GTC Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZXTN2007G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T849G DIODES-ZX5T849G Datasheet
126Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com