Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN619MA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTN619MA
Description  50V NPN LOW SATURATION TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN619MA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTN619MA Datasheet HTML 1Page - Diodes Incorporated ZXTN619MA Datasheet HTML 2Page - Diodes Incorporated ZXTN619MA Datasheet HTML 3Page - Diodes Incorporated ZXTN619MA Datasheet HTML 4Page - Diodes Incorporated ZXTN619MA Datasheet HTML 5Page - Diodes Incorporated ZXTN619MA Datasheet HTML 6Page - Diodes Incorporated ZXTN619MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTN619MA
Document Number DS31892 Rev. 4 - 2
4 of 7
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN619MA
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
100
190
-
V
IC = 100 µA
Collector-Emitter Breakdown Voltage (Note 6)
BVCEO
50
65
-
V
IC = 10 mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.2
-
V
IE = 100 µA
Collector Cutoff Current
ICBO
-
-
100
nA
VCB = 80V
Emitter Cutoff Current
IEBO
-
-
100
nA
VEB = 6V
Collector Emitter Cutoff Current
ICES
-
-
100
nA
VCES = 40V
Static Forward Current Transfer Ratio (Note 6)
hFE
200
300
200
100
-
400
450
400
225
40
-
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 1A, VCE = 2V
IC = 2A, VCE = 2V
IC = 6A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 6)
VCE(sat)
-
-
-
-
-
-
10
70
145
115
225
270
20
100
200
220
300
320
mV
IC = 0.1A, IB = 10mA
IC = 1A, IB = 5mA
IC = 1A, IB = 10mA
IC = 2A, IB = 50mA
IC = 3A, IB = 100mA
IC = 4A, IB = 200mA
Base-Emitter Turn-On Voltage (Note 6)
VBE(on)
-
0.94
1.00
V
IC = 4A, VCE = 2V
Base-Emitter Saturation Voltage (Note 6)
VBE(sat)
-
1.00
1.07
V
IC = 4A, IB = 200mA
Output Capacitance
Cobo
-
12
20
pF
VCB = 10V. f = 1MHz
Transition Frequency
fT
100
165
-
MHz
VCE = 10V, IC = 50mA,
f = 100MHz
Turn-On Time
ton
-
170
-
ns
VCC = 10V, IC = 1A
IB1 = IB2 = 10mA
Turn-Off Time
toff
-
750
-
ns
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300 µs. Duty cycle ≤ 2%.


Similar Part No. - ZXTN619MA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN619MA DIODES-ZXTN619MA_15 Datasheet
432Kb / 7P
   50V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTN619MA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN619MA DIODES-ZXTN619MA_15 Datasheet
432Kb / 7P
   50V NPN LOW SATURATION TRANSISTOR
ZXT13N50DE6 DIODES-ZXT13N50DE6_15 Datasheet
803Kb / 7P
   50V NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
   50V NPN LOW SATURATION TRANSISTOR IN SOT23
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N50DX DIODES-ZXT14N50DX Datasheet
268Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N50DE6 DIODES-ZXT10N50DE6 Datasheet
235Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD619MC DIODES-ZXTD619MC_15 Datasheet
222Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTD619MC DIODES-ZXTD619MC Datasheet
193Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com