Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD6717E6TC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTD6717E6TC
Description  COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD6717E6TC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTD6717E6TC Datasheet HTML 1Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 2Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 3Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 4Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 5Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 6Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISSUE 2 - JULY 2001
ZXTD6717E6
NPN TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
15
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
15
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
5V
IE=100 A
Collector Cut-Off Current
ICBO
10
nA
VCB=10V
Emitter Cut-Off Current
IEBO
10
nA
VEB=4V
Collector Emitter Cut-Off Current
ICES
10
nA
VCES=10V
Collector-Emitter Saturation
Voltage
VCE(sat)
16.5
40
75
150
205
20
55
100
200
245
mV
mV
mV
mV
mV
IC=100mA, IB=10mA*
IC=250mA, IB=10mA*
IC=500mA, IB=10mA*
IC=1A, IB=10mA*
IC=1.5A, IB=20mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.93
1.1
V
IC=1.5A, IB=20mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.865
1.1
V
IC=1.5A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
200
300
250
200
75
30
420
450
390
300
150
75
IC=10mA, VCE=2V*
IC=100mA, VCE=2V*
IC=500mA, VCE=2V*
IC=1A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
Transition Frequency
fT
180
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
Turn-On Time
Turn-Off Time
t(on)
t(off)
50
250
ns
ns
IC=1A, VCC=10V
IB1=IB2=100mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
3


Similar Part No. - ZXTD6717E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD6717E6TC ZETEX-ZXTD6717E6TC Datasheet
112Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
More results

Similar Description - ZXTD6717E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD6717E6 ZETEX-ZXTD6717E6 Datasheet
112Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC_15 Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com