Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD618MC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTD618MC
Description  DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD618MC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTD618MC Datasheet HTML 1Page - Diodes Incorporated ZXTD618MC Datasheet HTML 2Page - Diodes Incorporated ZXTD618MC Datasheet HTML 3Page - Diodes Incorporated ZXTD618MC Datasheet HTML 4Page - Diodes Incorporated ZXTD618MC Datasheet HTML 5Page - Diodes Incorporated ZXTD618MC Datasheet HTML 6Page - Diodes Incorporated ZXTD618MC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTD618MC
Document Number DS31931 Rev. 1 - 2
1 of 7
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTD618MC
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Features
VCEO = 20V
RSAT = 47mΩ
IC = 4.5A Continuous Collector Current
Low Equivalent On Resistance
Low Saturation Voltage (150mV @ 1A)
hFE specified up to 6A
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
“Green” Devices (Note 2)
Applications
DC – DC Converters (FET Drivers)
Charging circuits
Power switches
Motor control
Mechanical Data
Case: DFN3020B-3
Case material: Molded Plastic. “Green” Molding Compound.
Terminals: Pre-Plated NiPdAu leadframe.
UL Flammability Rating 94V-0
Nominal package height: 0.8mm
Moisture Sensitivity: Level 1 per J-STD-020
Weight: 0.013 grams (approximate)
Ordering Information
Product
Status
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTD618MCTA
Active
DFN3020B-8
DBB
7
8
3000
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
DBB = Product type Marking Code
Dot Denotes Pin 1
Top View
Pin Configuration
Device symbol
DFN3020B-8


Similar Part No. - ZXTD618MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXTD618MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com