Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD617MC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTD617MC
Description  DUAL 15V NPN LOW SATURATION TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD617MC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTD617MC Datasheet HTML 1Page - Diodes Incorporated ZXTD617MC Datasheet HTML 2Page - Diodes Incorporated ZXTD617MC Datasheet HTML 3Page - Diodes Incorporated ZXTD617MC Datasheet HTML 4Page - Diodes Incorporated ZXTD617MC Datasheet HTML 5Page - Diodes Incorporated ZXTD617MC Datasheet HTML 6Page - Diodes Incorporated ZXTD617MC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTD617MC
Document Number DS31930 Rev. 3 - 2
1 of 7
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTD617MC
DUAL 15V NPN LOW SATURATION TRANSISTORS
Features and Benefits
BVCEO > 15V
IC = 4.5A Continuous Collector Current
Low Saturation Voltage (100mV max @ 1A)
RSAT = 45 mΩ for a Low Equivalent On-Resistance
hFE specified up to 12A for high current gain hold up
Dual NPN saving footprint and component count
Low profile 0.8mm high package for thin applications
RθJA efficient, 40% lower than SOT26
6mm
2 footprint, 50% smaller than TSOP6 and SOT26
Lead-Free, RoHS Compliant (Note 1)
Halogen and Antimony Free. “Green” Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: DFN3020B-8
Case Material: Molded Plastic. “Green” Molding Compound.
Terminals: Pre-Plated NiPdAu leadframe
UL Flammability Rating 94V-0
Nominal Package Height: 0.8mm
Moisture Sensitivity: Level 1 per J-STD-020
Weight: 0.013 grams (approximate)
Applications
DC-DC Converters
Charging circuits
Motor control
Power switches
Portable applications
Ordering Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTD617MCTA
DAA
7
8
3000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
DAA = Product type marking code
Top view, dot denotes pin 1
Equivalent Circuit
Top View
Bottom View
DFN3020B-8
NPN Transistor
NPN Transistor
C2
E2
B2
C1
E1
B1
Bottom View
Pin-Out
C2
C2
C1
C1
E2
B2
E1
B1
C2
C1
Pin 1
DAA


Similar Part No. - ZXTD617MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
More results

Similar Description - ZXTD617MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
   DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
   15V NPN LOW SATURATION TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXT11N15DF DIODES-ZXT11N15DF Datasheet
422Kb / 6P
   15V NPN SILICON LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXT11N15DF ZETEX-ZXT11N15DF Datasheet
412Kb / 6P
   15V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC Datasheet
231Kb / 9P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com