Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2641 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2641
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2641 Datasheet HTML 4Page - Linear Technology LTC2641 Datasheet HTML 5Page - Linear Technology LTC2641 Datasheet HTML 6Page - Linear Technology LTC2641 Datasheet HTML 7Page - Linear Technology LTC2641 Datasheet HTML 8Page - Linear Technology LTC2641 Datasheet HTML 9Page - Linear Technology LTC2641 Datasheet HTML 10Page - Linear Technology LTC2641 Datasheet HTML 11Page - Linear Technology LTC2641 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2379-18
8
237918p
CHAIN (Pin 1): Chain Mode Selector Pin. When low, the
LTC2379-18 operates in Normal Mode and the RDL/SDI
input pin functions to enable or disable SDO. When high,
the LTC2379-18 operates in Chain Mode and the RDL/
SDI pin functions as SDI, the daisychain serial data input.
VDD (Pin 2): 2.5V Power Supply. The range of VDD is
2.375V to 2.625V. Bypass VDD to GND with a 10μF ceramic
capacitor.
GND (Pins 3, 6, 10 and 16): Ground.
IN+, IN(Pins 4, 5):
Positive and Negative Differential
Analog Inputs.
REF (Pin 7): Reference Input. The range of REF is 2.5V
to 5.1V. This pin is referred to the GND pin and should be
decoupled closely to the pin with a 47μF ceramic capacitor
(X5R, 0805 size).
REF/DGC (Pin 8): When tied to REF, digital gain compression
is disabled and the LTC2379-18 defines full-scale according
to the ±VREF analog input range. When tied to GND, digital
gain compression is enabled and the LTC2379-18 defines
full-scale with inputs that swing between 10% and 90%
of the ±VREF analog input range.
CNV (Pin 9): Convert Input. A rising edge on this input
powers up the part and initiates a new conversion.
BUSY (Pin 11): BUSY indicator. Goes high at the start of
a new conversion and returns low when the conversion
has finished.
RDL/SDI (Pin 12): When CHAIN is low, the part is in Nor-
mal Mode and the pin is treated as a bus enabling input.
When CHAIN is high, the part is in chain mode and the
pin is treated as a serial data input pin where data from
another ADC in the daisychain is input.
SCK (Pin 13): Serial Data Clock Input. When SDO is enabled,
the conversion result or daisychain data from another ADC
is shifted out on the rising edges of this clock MSB first.
SDO (Pin 14): Serial Data Output. The conversion result
or daisychain data is output on this pin on each rising
edge of SCK MSB first. The output data is in 2’s comple-
ment format.
OVDD (Pin 15): I/O Interface Digital Power. The range of
OVDD is 1.71V to 5.25V. This supply is nominally set to
the same supply as the host interface (1.8V, 2.5V, 3.3V,
or 5V). Bypass OVDD to GND with a 0.1μF capacitor.
GND (Exposed Pad Pin 17 – DFN Package Only): Ground.
Exposed pad must be soldered directly to the ground plane.
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTIONS
REF = 5V
LTC2379-18
IN+
VDD = 2.5V
OVDD = 1.8V to 5V
IN
CHAIN
CNV
GND
BUSY
REF/DGC
SDO
SCK
RDL/SDI
CONTROL LOGIC
18-BIT SAMPLING ADC
SPI
PORT
+
237918 BD01


Similar Part No. - LTC2641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2641 LINER-LTC2641 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2641 LINER-LTC2641 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2641 LINER-LTC2641 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
More results

Similar Description - LTC2641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com