Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2379-18 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2379-18
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2379-18 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2379-18 Datasheet HTML 5Page - Linear Technology LTC2379-18 Datasheet HTML 6Page - Linear Technology LTC2379-18 Datasheet HTML 7Page - Linear Technology LTC2379-18 Datasheet HTML 8Page - Linear Technology LTC2379-18 Datasheet HTML 9Page - Linear Technology LTC2379-18 Datasheet HTML 10Page - Linear Technology LTC2379-18 Datasheet HTML 11Page - Linear Technology LTC2379-18 Datasheet HTML 12Page - Linear Technology LTC2379-18 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2379-18
9
237918p
TIMING DIAGRAM
POWER-DOWN AND ACQUIRE
CONVERT
D15 D14
D17 D16
D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
SDO
SCK
CNV
CHAIN, RDL/SDI = 0
BUSY
237918 TD02
Conversion Timing Using the Serial Interface


Similar Part No. - LTC2379-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2379-18 LINER-LTC2379-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
More results

Similar Description - LTC2379-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com