Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5568 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5568
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5568 Datasheet HTML 3Page - Linear Technology LT5568 Datasheet HTML 4Page - Linear Technology LT5568 Datasheet HTML 5Page - Linear Technology LT5568 Datasheet HTML 6Page - Linear Technology LT5568 Datasheet HTML 7Page - Linear Technology LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology LT5568 Datasheet HTML 10Page - Linear Technology LT5568 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC5588-1
7
55881fb
LO Feedthrough to RF Output
vs RF Power (PLOM = 0dBm,
fRF = 900MHz)
Image Rejection vs RF Power
(PLOM = 0dBm, fRF = 900MHz)
LO Feedthrough to RF Output
vs RF Power (PLOM = 0dBm,
fRF = 2140MHz)
Image Rejection vs RF Power
(PLOM = 0dBm, fRF = 2140MHz)
Output IP3 vs LINOPT Voltage
(fLO = 450MHz, PLOM = 0dBm)
Output IP3 vs LINOPT Voltage
(fLO = 900MHz, PLOM = 0dBm)
LO Feedthrough to RF Output
vs LO Frequency (PLOM = 10dBm)
Image Rejection vs LO Frequency
(PLOM = 0dBm)
LO Feedthrough to RF Output
vs LO Frequency for EN = Low
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP input
AC-terminated with 50Ω to ground, BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, and 1VP-P(DIFF), baseband input frequencies = 4.5MHz
and 5.5MHz for OIP3 and OIP2, or else baseband input frequency = 100kHz, I and Q 90° shifted, lower sideband selection, LINOPT pin
floating, unless otherwise noted. Test circuit is shown in Figure 8.
LO FREQUENCY (GHz)
0
–60
–50
–40
–30
–20
12
3
4
55881 G10
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
LO FREQUENCY (GHz)
0
–60
–50
–40
–30
–20
12
3
4
55881 G11
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
LO FREQUENCY (GHz)
0
–80
–70
–60
–50
–40
–20
1
23
4
55881 G12
56
–30
PLOM = 10dBm
PLOM = 0dBm
RF POWER (dBm)
–15
–45
–44
–43
–42
–41
–40
–10
–5
0
5
55881 G13
10
15
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF POWER (dBm)
–15
–55
–50
–45
–40
–10
–5
0
5
55881 G14
10
15
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF POWER (dBm)
–15
–48
–46
–44
–42
–40
–36
–10
–5
0
5
55881 G15
10
15
–38
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF POWER (dBm)
–15
–60
–58
–56
–54
–52
–48
–10
–5
0
5
55881 G16
10
15
–50
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
LINOPT VOLTAGE (V)
2.0
10
20
30
40
2.5
3.0
55881 G17
3.5
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN
LINOPT VOLTAGE (V)
2.0
10
20
30
40
2.5
3.0
55881 G18
3.5
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN


Similar Part No. - LT5568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5568 LINER-LT5568 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5568-2 LINER-LT5568-2 Datasheet
303Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5568-2 LINER-LT5568-2 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5568-2EUF-PBF LINER-LT5568-2EUF-PBF Datasheet
303Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5568-2EUF-TRPBF LINER-LT5568-2EUF-TRPBF Datasheet
303Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1_15 Datasheet
690Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com