Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4085-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4085-3
Description  USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4085-3 Datasheet HTML 2Page - Linear Technology LTC4085-3 Datasheet HTML 3Page - Linear Technology LTC4085-3 Datasheet HTML 4Page - Linear Technology LTC4085-3 Datasheet HTML 5Page - Linear Technology LTC4085-3 Datasheet HTML 6Page - Linear Technology LTC4085-3 Datasheet HTML 7Page - Linear Technology LTC4085-3 Datasheet HTML 8Page - Linear Technology LTC4085-3 Datasheet HTML 9Page - Linear Technology LTC4085-3 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4085-3
6
40853f
TEMPERATURE (°C)
–50
400
500
600
25
75
40853 G12
300
200
–25
0
50
100
125
100
0
VIN = 5V
VBAT = 3.5V
qJA = 50°C/W
TEMPERATURE (°C)
–50
125
150
175
200
225
275
–25
025
50
40853 G10
75
100
250
VIN = 4.5V
VIN = 5.5V
ILOAD = 400mA
VIN = 5V
TIME (min)
0
0
100
200
300
400
500
600
0
1
2
3
4
5
6
50
100
150
200
40853 G11
400mAhr CELL
VIN = 5V
RPROG = 100k
RCLPROG = 2.1k
C/10
TERMINATION
CHRG
VBAT
IBAT
VBAT (V)
0
0
100
300
400
500
1
2
2.5
4.5
40853 G13
200
0.5
1.5
3
3.5
4
600
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 2k
HPWR = 5V
VBAT (V)
0
0
20
60
80
100
1
2
2.5
4.5
40853 G14
40
0.5
1.5
3
3.5
4
120
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 2k
HPWR = 0V
VFWD (mV)
0
0
100
300
400
500
1000
700
50
100
40853 G15
200
800
900
600
150
200
VBAT = 3.7V
VIN = 0V
–50°C
0°C
50°C
100°C
VFWD (mV)
0
0
100
300
400
500
1000
700
50
100
40853 G16
200
800
900
600
150
200
VBAT = 3.7V
VIN = 0V
RDIO
IOUT
0
3000
4000
5000
80
40853 G17
2000
1000
2500
3500
4500
1500
500
0
20
40
60
100
VFWD (mV)
VBAT = 3.7V
VIN = 0V
Si2333 PFET
–50°C
0°C
50°C
100°C
0
3000
4000
5000
80
40853 G18
2000
1000
2500
3500
4500
1500
500
0
20
40
60
100
VFWD (mV)
VBAT = 3.7V
VIN = 0V
Si2333 PFET
Input RON vs Temperature
Battery Current and Voltage
vs Time
Charge Current vs Temperature
(Thermal Regulation)
Charging from USB, IBAT vs VBAT
Charging from USB, Low Power,
IBAT vs VBAT
Ideal Diode Current vs Forward
Voltage and Temperature
(No External Device)
Ideal Diode Resistance and
Current vs Forward Voltage
(No External Device)
Ideal Diode Current vs Forward
Voltage and Temperature with
External Device
Ideal Diode Resistance and
Current vs Forward Voltage with
External Device
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC4085-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
More results

Similar Description - LTC4085-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com