Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT690BK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT690BK
Description  45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT690BK Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT690BK Datasheet HTML 1Page - Diodes Incorporated ZXT690BK Datasheet HTML 2Page - Diodes Incorporated ZXT690BK Datasheet HTML 3Page - Diodes Incorporated ZXT690BK Datasheet HTML 4Page - Diodes Incorporated ZXT690BK Datasheet HTML 5Page - Diodes Incorporated ZXT690BK Datasheet HTML 6Page - Diodes Incorporated ZXT690BK Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXT690BK
Document number: DS31996 Rev. 2 - 2
1 of 7
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXT690BK
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Product Summary
BVCEO
45V
RSAT
77m
IC
3A
Description and Applications
Packaged in the TO252-3L/DPAK outline this high gain 45V NPN
transistor offers low on state losses making it ideal for use in DC-DC
circuits and various driving and power management functions.
DC - DC Converters
MOSFET gate drivers
Charging circuits
Power switches
Siren drivers
Features and Benefits
3 Amps continuous current
Up to 6 Amps peak current
Low saturation voltages
High gain
Lead, Halogen, and Antimony Free, RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: TO252-3L/DPAK
Ordering Information
Product
Marking
Reel size
Tape width
Quantity per reel
ZXT690BKTC
ZXT690B
13 in.
16mm embossed
2500 units
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
Top View
Package Pin
Configuration
Equivalent Circuit
C
E
B
BE
C
C
ZXT
690B
ZXT690B = Product Type Marking Code


Similar Part No. - ZXT690BK

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT690BK DIODES-ZXT690BK Datasheet
348Kb / 7P
   45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Inchange Semiconductor ...
ZXT690BK ISC-ZXT690BK Datasheet
316Kb / 2P
   isc Silicon NPN Power Transistor
logo
Diodes Incorporated
ZXT690BKQTC DIODES-ZXT690BKQTC Datasheet
348Kb / 7P
   45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZXT690BKTC ZETEX-ZXT690BKTC Datasheet
222Kb / 6P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
More results

Similar Description - ZXT690BK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
   45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
ZXT690BK DIODES-ZXT690BK_17 Datasheet
348Kb / 7P
   45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
FZT690B DIODES-FZT690B_16 Datasheet
652Kb / 7P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
logo
Zetex Semiconductors
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
   45V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
   45V, SOT23F, NPN high gain power transistor
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
DXT690BP5 DIODES-DXT690BP5 Datasheet
146Kb / 7P
   45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
DS31801 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com