Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13P20DE6TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT13P20DE6TC
Description  20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT13P20DE6TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT13P20DE6TC Datasheet HTML 1Page - Diodes Incorporated ZXT13P20DE6TC Datasheet HTML 2Page - Diodes Incorporated ZXT13P20DE6TC Datasheet HTML 3Page - Diodes Incorporated ZXT13P20DE6TC Datasheet HTML 4Page - Diodes Incorporated ZXT13P20DE6TC Datasheet HTML 5Page - Diodes Incorporated ZXT13P20DE6TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 1 - DECEMBER 1999
ZXT13P20DE6
SuperSOT4™
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY
V
CEO=-20V; RSAT = 47m
;I
C= -3.5A
DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex
matrix structure combined with advanced assembly techniques to give
extremely low on state losses. This makes it ideal for high efficiency, low
voltage switching applications.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 10A
• I
C=3.5A Continuous Collector Current
• SOT23-6 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXT13P20DE6TA
7
8mm embossed
3000 units
ZXT13P20DE6TC
13
8mm embossed
10000 units
DEVICE MARKING
P20D
Top View
1
SOT23-6
C
E
B
C
C
C


Similar Part No. - ZXT13P20DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P20DE6TC ZETEX-ZXT13P20DE6TC Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT13P20DE6TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
   DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com