Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2871CUHFPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2871CUHFPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871CUHFPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2871CUHFPBF Datasheet HTML 4Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 5Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 6Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 7Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 8Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 9Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 10Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 11Page - Linear Technology LTC2871CUHFPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2870/LTC2871
8
28701f
TYPICAL PERFORMANCE CHARACTERISTICS
RS232 Receiver Input Threshold
vs Temperature
RS232 Receiver Output Voltage
vs Load Current
RS485 Termination Resistance
vs Temperature
RS232 Operation at 500kbps
RS485 Operation at 20Mbps
LTC2870 Drivers Changing Modes
RS485 Receiver Propagation
Delay vs Temperature
RS485 Receiver Skew
vs Temperature
RS485 Receiver Output Voltage
vs Load Current
TEMPERATURE (°C)
–50
80
70
60
50
40
50
75
–25
28701 G10
100
25
0
VCC = 3.3V, VL = 1.7V
VCC = 5V, VL = 1.7V
VCC = 3.3V, VL = 3.3V
VCC = 5V, VL = 5V
TEMPERATURE (°C)
–50
3.0
2.5
2.0
1.0
1.5
0.5
0
50
75
–25
28701 G11
100
25
0
OUTPUT CURRENT (mA)
0
6
5
4
2
3
1
0
8
2
28701 G12
10
6
4
VL = 5V
VL = 3.3V
VL = 1.7V
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
50
75
–25
28701 G13
100
25
0
VCC = 5V
VCC = 3.3V
INPUT HIGH
INPUT LOW
OUTPUT CURRENT (mA)
0
6
5
4
2
3
1
0
8
2
28701 G14
10
6
4
VL = 5V
VL = 3.3V
VL = 1.7V
TEMPERATURE (°C)
–50
130
118
116
114
112
110
128
126
124
122
120
50
75
–25
28701 G15
100
25
0
VCM = –7V
VCM = 2V
VCM = 12V
WRAPPING DATA
DOUT LOADS: 5kΩ + 50pF
5V/DIV
28701 G16
1μs/DIV
DOUT1
DOUT2
ROUT1
ROUT2
DIN1
DIN2
H/F HIGH
Y, Z LOADS: 120Ω (DIFF) + 50pF
1V/DIV
5V/DIV
28701 G17
20ns/DIV
RO
Y
DI
Z
5V/DIV
5V/DIV
28701 G18
2μs/DIV
RS232
MODE
RS485
MODE
RS232
MODE
Y
485/232
Z
TA = 25°C, VCC = VL = 3.3V, unless otherwise noted.


Similar Part No. - LTC2871CUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2871 LINER-LTC2871 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
logo
Analog Devices
LTC2871 AD-LTC2871 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results

Similar Description - LTC2871CUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com