Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT10N50DE6TC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXT10N50DE6TC
Description  50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT10N50DE6TC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXT10N50DE6TC Datasheet HTML 1Page - Diodes Incorporated ZXT10N50DE6TC Datasheet HTML 2Page - Diodes Incorporated ZXT10N50DE6TC Datasheet HTML 3Page - Diodes Incorporated ZXT10N50DE6TC Datasheet HTML 4Page - Diodes Incorporated ZXT10N50DE6TC Datasheet HTML 5Page - Diodes Incorporated ZXT10N50DE6TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISSUE 1 - SEPTEMBER 2000
ZXT10N50DE6
TYPICAL CHARACTERISTICS
3


Similar Part No. - ZXT10N50DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N50DE6TC ZETEX-ZXT10N50DE6TC Datasheet
223Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT10N50DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14N50DX DIODES-ZXT14N50DX Datasheet
268Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N50DE6 ZETEX-ZXT13N50DE6 Datasheet
419Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 ZETEX-ZXTD09N50DE6 Datasheet
288Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 DIODES-ZXTD09N50DE6 Datasheet
298Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DX DIODES-ZXT12N50DX Datasheet
267Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com