Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT10N20DE6TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT10N20DE6TC
Description  20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT10N20DE6TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT10N20DE6TC Datasheet HTML 1Page - Diodes Incorporated ZXT10N20DE6TC Datasheet HTML 2Page - Diodes Incorporated ZXT10N20DE6TC Datasheet HTML 3Page - Diodes Incorporated ZXT10N20DE6TC Datasheet HTML 4Page - Diodes Incorporated ZXT10N20DE6TC Datasheet HTML 5Page - Diodes Incorporated ZXT10N20DE6TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 1 - SEPTEMBER 2000
ZXT10N20DE6
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
20
100
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
20
27
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
5
8.3
V
IE=100 A
Collector Cut-Off Current
ICBO
100
nA
VCB=16V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector Emitter Cut-Off Current
ICES
100
nA
VCES=16V
Collector-Emitter Saturation
Voltage
VCE(sat)
8
90
115
190
15
150
135
250
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=2A, IB=50mA*
IC=3.5A, IB=100mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.96
1.0
V
IC=3.5A, IB=100mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.85
0.90
V
IC=3.5A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
200
300
200
100
400
450
360
180
IC=10mA, VCE=2V*
IC=0.2A, VCE=2V*
IC=2A, VCE=2V*
IC=6A, VCE=2V*
Transition Frequency
fT
100
140
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
23
30
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
170
ns
VCC=10V, IC=3A
IB1=IB2=10mA
Turn-Off Time
t(off)
400
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
4


Similar Part No. - ZXT10N20DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6TC ZETEX-ZXT10N20DE6TC Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT10N20DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT11N20DF ZETEX-ZXT11N20DF Datasheet
407Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com