Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHCS750 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZHCS750
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS750 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZHCS750 Datasheet HTML 2Page - Diodes Incorporated ZHCS750 Datasheet HTML 3Page - Diodes Incorporated ZHCS750 Datasheet HTML 4Page - Diodes Incorporated ZHCS750 Datasheet HTML 5Page - Diodes Incorporated ZHCS750 Datasheet HTML 6Page - Diodes Incorporated ZHCS750 Datasheet HTML 7Page - Diodes Incorporated ZHCS750 Datasheet HTML 8Page - Diodes Incorporated ZHCS750 Datasheet HTML 9Page - Diodes Incorporated ZHCS750 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REFERENCE DESIGNS
Three typical LED driving applications are shown.
Firstly a typical LCD backlight circuit, then maximum
brightness LED driving solution and lastly an optimised
battery life LED driving solution.
This application shows the ZXSC310 in a typical LCD
backlight application for Digital Still Cameras and
PDA’s. The input voltage for these backlight circuits are
usually fixed from the main system power, typically
3.3V or 5V. The LED’s are connected serially so that the
light is distributed uniformly in each LED. The current
provided to the LED’s can either be pulsed or DC. The
DC current is programmable via a sense resistor,
RSENSE, and is set to an optimum LED current of 20mA
for the reference designs. DC current is achieved by
adding a Schottky rectifying diode and an output
capacitor, as shown in the reference design below.
SEMICO NDUC TORS
ZXSC310
ISSUE 3 - SEPTEMBER 2007
6
VIN
V CC
V
=3.3V/5V
DRIVE
I SENSE
Gnd
S
TDN
LCD backlight circuit
Ref
Value
Part Number
Manufacture
Comments
U1
N/A
ZXSC310E5
Zetex Semiconductors
Single cell converter, SOT23-5
Q1
N/A
FMMT618
Zetex Semiconductors
Low V
CE(sat) NPN, SOT23
D1
N/A
ZHCS1000
Zetex Semiconductors
1A Schottky diode, SOT23
C1
2.2 F
Generic
Various
0805 Size
R1
(6)
150m
Generic
Various
1206 Size
R1
(7)
250m
Generic
Various
1206 Size
L1
(8)
68µH
Surface mount inductor
Materials list
(6) Used for 3.3V input, ILED set to 20mA 10%.
(7) Used for 5V input, ILED to 20mA 10%.
(8) See Application section.
(Notes)


Similar Part No. - ZHCS750

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 DIODES-ZHCS750 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS750TA DIODES-ZHCS750TA Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS750

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com