Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72706 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72706
Description  FM Multiplex Receiver IC Supporting All Worldwide Standards
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72706 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72706 Datasheet HTML 1Page - Sanyo Semicon Device LC72706 Datasheet HTML 2Page - Sanyo Semicon Device LC72706 Datasheet HTML 3Page - Sanyo Semicon Device LC72706 Datasheet HTML 4Page - Sanyo Semicon Device LC72706 Datasheet HTML 5Page - Sanyo Semicon Device LC72706 Datasheet HTML 6Page - Sanyo Semicon Device LC72706 Datasheet HTML 7Page - Sanyo Semicon Device LC72706 Datasheet HTML 8Page - Sanyo Semicon Device LC72706 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
No. 5745-3/15
LC72706E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VOH1
IO = 0.5 mA, FLICK
VDD – 1.0
V
Output high-level voltage
VOH2
IO = 1 mA, BLOCK, FLOCK, INT, CLK16,
VDD – 0.4
V
DATA
VOL1
IO = 0.5 mA, applies to the same pins as VOH1
1.0
V
Output low-level voltage
VOL2
IO = 1 mA, applies to the same pins as VOH2
0.4
V
VOL3
IO = 1 mA, DO
0.4
V
Input high-level current
IIH1
VIN = 5.5 V, CE, CL, DI, RST, STNBY
1.0
µA
IIH2
VIN = VDD, input pins other than IIH1
1.0
µA
Input low-level current
IIL
VIN = VSS, MSK, CL, CE, DI, RST, STNBY,
–1
µA
TP0 to TP8, TPC1 to 2, TOSEL1 to 2, TEST
Output off leakage current
IOFF
VO = VDD, DO
1
µA
Hysteresis voltage
VHIS
MSK, CL, CE, DI, RST, STNBY
0.1 VDD
V
Internal feedback resistor
Rf
XIN, XOUT
2.5
M
Current drain
IDD
8
12
mA
Electrical Characteristics (2) at VDD = +2.7 to +3.6 V, in the allowable operating ranges
Block Diagram
Pin Assignment
MSK signal input
1T delay
Synchronization
regeneration
PN
decoding
Output control
(CPU interface)
Timing
control
Memory array
Error
correction
Layer 2 CRC
Data
Address
Layer 4 CRC
2T delay
Clock
regeneration
MSK
correction


Similar Part No. - LC72706

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Similar Description - LC72706

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72707E SANYO-LC72707E Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com