Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC380 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXSC380 Datasheet HTML 1Page - Diodes Incorporated ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXSC380
Issue 3 - September 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
LED Current vs Supply Voltage
for L = 22, 47, 68 & 100uH
0
2
4
6
8
10
12
14
16
18
20
1
1.1
1.2
1.3
1.4
1.5
Supply Voltage Vvcc (V)
L = 100uH
L = 68uH
L = 47uH
L = 22uH
LED Current v s Supply Voltage
for L= 22, 47, 68 & 100uH
0
10
20
30
40
50
60
70
80
11.5
2
2.5
Supply Voltage Vvcc (V)
3
L = 100uH
L = 68uH
L = 47uH
L=22uH
Frequency vs Supply Voltage
for L= 22, 47, 68 & 100uH
0
50
100
150
200
250
300
350
1
1.5
2
2.5
Supply Voltage Vcc (V)
3
L = 100uH
L = 68uH
L = 47uH
L = 22uH
Efficiency vs Supply Voltage
for L= 22, 47, 68 & 100uH
0
20
40
60
80
100
120
11.5
22.5
Supply Voltage Vvcc (V)
3
L = 100uH
L = 68uH
L = 47uH
L = 22uH


Similar Part No. - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
ZXSC380FH ZETEX-ZXSC380FH Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
More results

Similar Description - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
logo
Diodes Incorporated
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com