Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC100 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated ZXSC100 Datasheet HTML 11Page - Diodes Incorporated ZXSC100 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
8
Higher power solution, VOUT=3.3V, PL=1W
Q1
FMMT617
R2
R1
L1
D1
ZHCS1000
R3
R4
C2
C1
3.3V/0.33A
BAS
EM
RE
U1
ZXSC100
Q2
C3
VBATT
VCC
GND
FB
ISENSE
VDRIVE
Ref
Value
Part Number
Manufacturer
Comments
U1
N/A
ZXSC100X8
Zetex Plc
Single cell converter, MSOP8
Q1
20V, 13m
Ω,7A
FMMT617
Zetex Plc
Low VCE(SAT) NPN, SOT23
Q2
N/A
2N2907
Various
Small signal transistor
D1
0.5V, 2A
ZHCS1000
Zetex Plc
1A Shottky diode
R1
3.3
Ω*
Generic
Various
0805 Size
R2
33m
Generic
Various
0805 Size
R3
110k
Generic
Various
0805 Size
R4
30k
Generic
Various
0805 Size
C1
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C2
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C3
1nF
Generic
Various
0805 Size
L1
22µH
D01608C-223
D03316P-223
Coilcraft
Low profile SMT
* Note: Refer to External Transistor base drive selection in the Applications Section.
MATERIALS LIST


Similar Part No. - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
309Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
309Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
More results

Similar Description - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Linear Technology
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com