Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS66004DGTA Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXMS66004DGTA
Description  60V N-channel self protected enhancement mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS66004DGTA Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXMS66004DGTA Datasheet HTML 2Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 3Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 4Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 5Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 6Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 7Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 8Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 9Page - Diodes Incorporated ZXMS66004DGTA Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXMS6004DG
Issue 1 - December 2008
9
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Package information - SOT223
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.8
-
0.071
D
6.30
6.70
0.248
0.264
A1
0.02
0.1
0.0008
0.004
e
2.30 BSC
0.0905 BSC
A2
1.55
1.65
0.0610
0.0649
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-


Similar Part No. - ZXMS66004DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS66004DGTA DIODES-ZXMS66004DGTA Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
More results

Similar Description - ZXMS66004DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com