Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS6003GTA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMS6003GTA
Description  60V N-channel self protected enhancement mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003GTA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXMS6003GTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 9Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXMS6003G
Issue 2 - March 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated) (cont.)
NOTES:
(‡) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
datasheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed
for continuous, repetitive operation.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Protection functions(‡)
Required input voltage for
over temperature protection
VPROT
4.5
V
Thermal overload trip
temperature
TJT
150
175
°C
Thermal hysteresis
1
°C
Unclamped single pulse
inductive energy
Tj=25°C
EAS
550
mJ
ID(ISO)=0.7A,
VDD=32V
Unclamped single pulse
inductive energy
Tj=150°C
EAS
200
mJ
ID(ISO)=0.7A,
VDD=32V
Status flag
Normal operation
VSTATUS
4.95
V
VIN = 5V
Current limit operating
VSTATUS
2.5
V
VIN = 5V
Thermal shutdown activated VSTATUS
0.2
1
V
VIN = 5V
Normal operation
VSTATUS
8.0
V
VIN = 10V
Current limit operation
VSTATUS
3.0
V
VIN = 10V
Thermal shutdown activated VSTATUS
0.35
1
V
VIN = 10V
Inverse diode
Source drain voltage
VSD
1V
VIN=0V, -ID=1.4A


Similar Part No. - ZXMS6003GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6003GTA ZETEX-ZXMS6003GTA Datasheet
683Kb / 10P
   60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
More results

Similar Description - ZXMS6003GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com