Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC7267 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Digital Display of Clock/Receiving Frequency
for Radio Set Applications
Functions
.
Capable of selecting receiving frequency display/time
display.
.
Display of receiving frequency at each band of FM/MW/LW
Display element:
LED
Static/dynamic:
Static
Withstand voltage at output pin: 15 V
Maximum current:
18 mA
(VDD = 6.0 to 10.0 V)
.
Number of display digits:
FM: 5 digits, MW, LW: 4 digits
.
Covers intermediate frequencies shown below.
FM:
+10.700, +10.725, +10.750, +10.675 MHz
–10.700, –10.725, –10.675, –10.650 MHz
MW, LW:
+450 kHz (1) : 10 kHz-step display
+450 kHz (2) : 1 kHz-step display
+455 kHz
: 1 kHz-step display
+469 kHz
: 1 kHz-step display
.
In FM reception applications, the LB3500 (
÷8 prescaler) is
used jointly.
.
Two selections of display system (12-hour system with PM
sign, 24-hour system).
.
Easy to set time by the time signal.
.
Inhibit pin for inhibiting time setting with display unlighted.
.
7.2 MHz crystal oscillator for reference frequency.
.
Supply voltage VDD: 4.5 to 10.0 V.
Package Dimensions
unit : mm
3025B-DIP42S
[LC7267]
SANYO : DIP42S
Ordering number: EN 1511B
CMOS IC
LC7267
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
63098HA (II) No.1511 - 1/10




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD170684-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS 1 2 3 4 5 MoreNEC
LC7570Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications 1 2 3 4 Sanyo Semicon Device
LC7265Received Frequency Display for Radio Receivers 1 2 3 4 5 MoreSanyo Semicon Device
TC9309AF-112SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE 1 2 3 4 Toshiba Semiconductor
2SC5150NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR GIHG RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS 1 2 3 4 Toshiba Semiconductor
DRR1-23XXDigital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz 1 2 3 4 Agilent(Hewlett-Packard)
TEF6700HLCar radio tuner front-end for digital IF 1 2 3 4 5 MoreNXP Semiconductors
LC7574NE1/2 Duty VFD Driver for Frequency Display 1 2 3 4 5 MoreSanyo Semicon Device
TC9309AF-119SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl