Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP3A17E6TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP3A17E6TA
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A17E6TA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP3A17E6TA Datasheet HTML 1Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 2Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 3Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 4Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 5Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 6Page - Diodes Incorporated ZXMP3A17E6TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMP3A17E6
SEMICO NDUC TORS
ISSUE 2 - JUNE 2003
ADVANCE INFORMATION
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-30
V
ID=-250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-0.5
AVDS=-30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
0.070
0.110
VGS=-10V, ID=-3.2A
VGS=-4.5V, ID=-2.5A
Forward Transconductance
(1)(3)
gfs
6.4
S
VDS=-15V,ID=-3.2A
DYNAMIC
(3)
Input Capacitance
Ciss
630
pF
VDS=-15V, VGS=0V,
f=1MHz
Output Capacitance
Coss
113
pF
Reverse Transfer Capacitance
Crss
78
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
1.74
ns
VDD =-15V, ID=-1A
RG≅6.0 ,VGS=-10V
Rise Time
tr
2.87
ns
Turn-Off Delay Time
td(off)
29.2
ns
Fall Time
tf
8.72
ns
Gate Charge
Qg
8.28
nC
VDS=-15V,VGS=-5V,
ID=-3.2A
Total Gate Charge
Qg
15.8
nC
VDS=-15V,VGS=-10V,
ID=-3.2A
Gate-Source Charge
Qgs
1.84
nC
Gate-Drain Charge
Qgd
2.8
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-1.2
V
TJ=25°C, IS=-2.5A,
VGS=0V
Reverse Recovery Time
(3)
trr
19.5
ns
TJ=25°C, IF=-1.7A,
di/dt= 100A/
µs
Reverse Recovery Charge
(3)
Qrr
16.3
nC
ELECTRICAL CHARACTERISTICS
(at TA = 25°C unless otherwise stated).
NOTES
(1) Measured under pulsed conditions. Width
=300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMP3A17E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A17E6TA ZETEX-ZXMP3A17E6TA Datasheet
196Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17E6TA DIODES-ZXMP3A17E6TA Datasheet
680Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP3A17E6TA VBSEMI-ZXMP3A17E6TA Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - ZXMP3A17E6TA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com