Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP3A16GTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP3A16GTC
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A16GTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP3A16GTC Datasheet HTML 1Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 2Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 3Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 4Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 5Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 6Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 7Page - Diodes Incorporated ZXMP3A16GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP3A16G
ISSUE 3 - MAY 2007
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-30
V
I
D=-250μA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-1
AV
DS=-30V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=
20V, V
DS=0V
Gate-Source Threshold Voltage
V
GS(th)
-1.0
V
I
D
=-250 A, V
DS=VGS
Static Drain-Source On-State Resistance (1)
R
DS(on)
0.045
0.070
V
GS=-10V, ID=-4.2A
V
GS=-4.5V, ID=-3.4A
Forward Transconductance (1)(3)
g
fs
9.2
S
V
DS=-15V,ID=-4.2A
DYNAMIC (3)
Input Capacitance
C
iss
1022
pF
V
DS=-15V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
267
pF
Reverse Transfer Capacitance
C
rss
229
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
3.8
ns
V
DD =-15V, ID=-1A
R
G=6.0
, V
GS=-10V
Rise Time
t
r
6.5
ns
Turn-Off Delay Time
t
d(off)
37.1
ns
Fall Time
t
f
21.4
ns
Gate Charge
Q
g
17.2
nC
V
DS=-15V,VGS=-5V,
ID=-4.2A
Total Gate Charge
Q
g
29.6
nC
V
DS=-15V,VGS=-10V,
ID=-4.2A
Gate-Source Charge
Q
gs
2.8
nC
Gate-Drain Charge
Q
gd
8.6
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
-0.85
-0.95
V
T
J=25 C, IS=-3.6A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
21.7
ns
T
J=25 C, IF=-2A,
di/dt= 100A/ s
Reverse Recovery Charge (3)
Q
rr
16.1
nC
ELECTRICAL CHARACTERISTICS
(at TA = 25°C unless otherwise stated).
NOTES
(1) Measured under pulsed conditions. Width
300µ s. Duty cycle
2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMP3A16GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A16GTC ZETEX-ZXMP3A16GTC Datasheet
132Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A16GTC ZETEX-ZXMP3A16GTC Datasheet
152Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A16GTC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com