Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC723732 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LC723732
Description  ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 6 page
background image
No. 5931-6/14
LC723732/40/48/56/64
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH1
XIN: VI = VDD = 5.0 V
2.0
5.0
15
µA
IIH2
FMIN, AMIN, HCTR, LCTR: VI = VDD = 5.0 V
4.0
10
30
µA
PA, PB, PC, PD, PE, PF, PG, PH, PI, PK, PL,
PM, PN, PO, PP, PQ, PR, PS, PT-PORT,
SNS, HOLD, RESET, HCTR, LCTR, E03,
Input high-level current
IIH3
SUBPD: VI = VDD = 5.0 V
3.0
µA
(With the port PA pull-down resistors disabled,
and PB, PC, PD, PE, PF, PG, PK, PL, PM,
PN, PP, PO, PQ, PR, PS, and PT ports set to
input mode.)
IIH4
Port PA (pull-down resistors enabled):
50
µA
VI = VDD = 5.0 V
IIL1
XIN: VI = VSS
2.0
5.0
15
µA
IIL2
FMIN, AMIN, HCTR, LCTR: VI = VSS
4.0
10
30
µA
PA, PB, PC, PD, PE, PF, PG, PH, PI, PK, PL,
PM, PN, PO, PP, PQ, PR, PS, PT-PORT,
Input low-level current
SNS, HOLD, RESET, HCTR, LCTR, E03,
IIL3
SUBPD: VI = VSS
3.0
µA
(With the port PA pull-down resistors disabled,
and PB, PC, PD, PE, PF, PG, PK, PL, PM,
PN, PP, PO, PQ, PR, PS, and PT ports set to
input mode.)
Input floating voltage
VIF
Port PA (pull-down resistors enabled)
0.05 VDD
V
Hysteresis
VH
PD, PE, PF, PG, PK-PORT, RESET,
0.1 VDD
0.2 VDD
V
LCTR(in period measurement mode)
VOH1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
VDD – 1.0
V
Output high-level voltage
PP, PQ, PR, PS, PT-PORT: IO = –1 mA
VOH2
EO1, EO2, EO3, SUBPD: IO = –500 µA
VDD – 1.0
V
VOH3
XOUT: IO = –200 µA
VDD – 1.0
V
VOL1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
1.0
V
PP, PQ, PR, PS, PT-PORT: IO = 1 mA
Output low-level voltage
VOL2
E01, E02, E03, SUBPD: IO = 500 µA
1.0
V
VOL3
XOUT: IO = 200 µA
1.5
V
VOL4
PC, PJ-PORT: IO = 5 mA
2.0
V
IOFF1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
–3.0
3.0
µA
Output off leakage current
PP, PQ, PR, PS, PT-PORT
IOFF2
E01, E02, E03, SUBPD
–100
100
nA
IOFF3
PC, PJ-PORT
–5.0
5.0
µA
A/D conversion error
ADI0 to ADI7 VDD1
–1.5
1.5
LSB
Rejected pulse width
PREJ
SNS
50
µsec
Power down detection voltage
VDET
2.6
3.0
3.4
V
RPD1
Port PA (pull-down resistors enabled):
75
100
200
k
Pull-down resistance
VDD = 5 V
RPD2
TEST1, TEST2
10
k
IDD1
During normal operation (PLL operating)
20
30
mA
VDD1, fIN2 = 130 MHz Ta = 25°C
Halt mode (CPU operation stopped, crystal
IDD2
oscillator operating) (See figure 1.)
0.45
mA
Current drain
VDD2, Ta = 25°C*
IDD3
Backup mode (crystal oscillator stopped)
5
µA
(See figure 2.) VDD = 5.5 V, Ta = 25°C
IDD4
Backup mode (crystal oscillator stopped)
1
µA
(See figure 2.) VDD = 2.5 V, Ta = 25°C
Electrical Characteristics in the allowable operating ranges
Note *: Twenty instruction steps are executed every millisecond. The PLL, universal counter, and other functions are stopped.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD178004A8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD784031Y16-/8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
COP888CF8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
OM5234CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
SAA5290Economy teletext and TV microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
S3C8095S3C8-SERIES MICROCONTROLLERS 1 2 3 4 5 MoreSamsung semiconductor
S3C9442SAM88RCRI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
LC66556BFour-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM  1 2 3 4 5 MoreSanyo Semicon Device
GMS81508BHYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl