Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC723732 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC723732
Description  ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Overview
The LC723700 Series are large-capacity ETR
microcontrollers that achieve an instruction execution time
of 1.33 µs and provide up to 64 KB of ROM and up to
2 KB of RAM. They include an on-chip high-performance
PLL circuit that features an added high-speed lock circuit
and can control the C/N characteristics of a local
oscillator. They also provide a rich set of on-chip interface
circuits, including a 3-channel serial I/O port, and an 8-
input 8-bit A/D converter.
Functions
• ROM
— Up to 32K steps (32,767
× 16 bits)
— The subroutine area holds 4 K steps (4,096
× 16 bits)
• RAM
— Up to 4 K
× 4 bits (In banks 00 through 3F)
LC723732 – ROM: 32 KB, RAM 1 KB
LC723740 – ROM: 40 KB, RAM 2 KB
LC723748 – ROM: 48 KB, RAM 2 KB
LC723756 – ROM: 56 KB, RAM 2 KB
LC723764 – ROM: 64 KB, RAM 2 KB
• Stack
— 32 levels
• Serial I/O
— Three channels. These circuits can support both 2-
wire and 3-wire 8-bit communication techniques,
and can be switched between MSB first and LSB
first operation.
— One of six internally generated serial transfer clock
rates can be selected: 12.5, 37.5, 187.5, 281.25, 375,
and 450 kHz.
• External interrupts
— Seven interrupt inputs (pins INT0 through INT5, and
the HOLD pin)
These interrupts can be set to switch between rising
and falling edges, although the HOLD pin only
supports falling edge detection.
• Internal interrupts
— Seven interrupts; four internal timer interrupts, and
three serial I/O interrupts.
• Interrupt nesting levels
— 16 levels
— Interrupt are prioritized in hardware as follows:
HOLD pin > INT0 pin > INT1 pin > INT2 pin >
INT3 pin > INT4 pin > INT5 pin > S-I/O0 > S-I/O1
> S-I/O2 > internal TMR0 > internal TMR1 >
internal TMR2 > internal TMR3
• A/D converter
— 8-bit resolution and 8 inputs
• General-purpose ports
— Input ports: 12
— Output ports : 4
— I/O ports: 62 (These pins can be switched between
input and output in 1-bit units.)
• PLL block
— Includes a sub-charge pump for high-speed locking.
— Supports dead zone control.
— Built-in unlock detection circuit.
— Twelve reference frequencies: 1, 3, 3.125, 5, 6.25, 9,
10, 12.5, 25, 30, 50, and 100 kHz.
— A second PLL circuit is also included for use in AM
up conversion.
• Universal counter
— This 20-bit counter can be used for either frequency
or period measurement and supports four
measurement (calculation) periods: 1, 4, 8, and 32 ms.
• Timers
— Two fixed timers and two programmable timers (8-
bit counters)
TMR0: Supports four periods: 10 µs, 100 µs, 1 ms,
and 5 ms
TMR1: Supports four periods: 10 µs, 100 µs, 1 ms,
and 10 ms
TMR2 and TMR3: Programmable 8-bit counters.
Input clocks with 10 µs, 100 µs, and 1 ms periods
are provided.
— One 125-ms timer flip-flop provided.
• Beep circuit
— Provides 12 fixed beep tones: 0.5, 1, 2, 2.08, 2.2,
2.5, 3.33, 3.75, 4.17, and 7.03 kHz.
— Programmable 8-bit beep tone generator. Reference
clocks with frequencies of 5 kHz, 15 kHz, and 50
kHz are provided.
• Reset
— Built-in voltage detection reset circuit
— External reset pin
CMOS IC
51398RM (OT) No.5931-1/14
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
ETR Microcontrollers
LC723732/40/48/56/64
Ordering number : EN5931




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD178004A8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD784031Y16-/8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
COP888CF8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
OM5234CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
SAA5290Economy teletext and TV microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
S3C8095S3C8-SERIES MICROCONTROLLERS 1 2 3 4 5 MoreSamsung semiconductor
S3C9442SAM88RCRI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
LC66556BFour-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM  1 2 3 4 5 MoreSanyo Semicon Device
GMS81508BHYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl