Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72345W Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72345W
Description  Low-Voltage ETR Controller with On-Chip DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72345W Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72345W Datasheet HTML 1Page - Sanyo Semicon Device LC72345W Datasheet HTML 2Page - Sanyo Semicon Device LC72345W Datasheet HTML 3Page - Sanyo Semicon Device LC72345W Datasheet HTML 4Page - Sanyo Semicon Device LC72345W Datasheet HTML 5Page - Sanyo Semicon Device LC72345W Datasheet HTML 6Page - Sanyo Semicon Device LC72345W Datasheet HTML 7Page - Sanyo Semicon Device LC72345W Datasheet HTML 8Page - Sanyo Semicon Device LC72345W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
No. 6171-3/13
LC72344W, 72345W
Parameter
Symbol
Conditions
Ratings
Unit
VDD(1)max VDD
–0.3 to +0.3
V
Maximum supply voltage
VDD(2)max VDC1
–0.3 to +4.0
V
VDD(3)max VDC2
–0.3 to +4.0
V
VDD(4)max VDC3
–0.3 to +4.0
V
Input voltage
VIN(1)
PF, FMIN, AMIN, AIN, BATT, and BRES
–0.3 to VDD(3) to +0.3
V
VIN(2)
PA, PC, PD, PG, and PH
–0.3 to VDD(1) to +0.3
V
VOUT(1)
AOUT, and PE
–0.3 to +15
V
Output voltage
VOUT(2)
PB, PC, PD, PG, and PH
–0.3 to VDD(1) +0.3
V
VOUT(3)
VREF, and EO
–0.3 to VDD(3) +0.3
V
VOUT(4)
COM1 to COM4, S1 to S19
–0.3 to VDD(4) +0.3
V
IOUT(1)
PC, PD, PG, PH, and EO
0 to 3
mA
IOUT(2)
PB
0 to 1
mA
Output current
IOUT(3)
AOUT, and PE
0 to 2
mA
IOUT(4)
S1 to S20
300
µA
IOUT(5)
COM1 to COM4
3
mA
Allowable power dissipation
Pdmax
Ta = –20 to +70°C
200
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–45 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD(1)
The voltage applied to the VDD pin
0.9
1.5
1.8
V
VDD(2)
The voltage applied to the VDC1 pin
0.9
1.5
1.8
V
Supply voltage
VDD(3)
The voltage applied to the VDC2 pin
1.8
2.1
2.4
V
VDD(4)
The voltage applied to the VDC3 pin
2.6
3.0
3.4
V
VDD(5)
Memory retention voltage
0.9
V
VIH(1)
Ports PC, PD, PG, and PH
0.7 VDD(1)
VDD(1)
V
Input high-level voltage
VIH(2)
Port PA
0.8 VDD(1)
VDD(1)
V
VIH(3)
Port PF
0.8 VDD(1)
VDD(3)
V
VIH(4)
Ports BRES and BATT
0.6 VDD(1)
VDD(3)
V
VIL(1)
Ports PC, PD, PG, and PH
0
0.3 VDD(1)
V
Input low-level voltage
VIL(2)
Port PA
0
0.2 VDD(1)
V
VIL(3)
Port PF
0
0.2 VDD(1)
V
VIL(4)
Ports BRES and BATT
0
0.2 VDD(1)
V
VIN(1)
XIN
0.5
0.6
Vrms
Input amplitude
VIN(2)
FMIN, AMIN: VDD(3) = 2.1 V
0.035
0.35
Vrms
VIN(3)
FMIN:
VDD(3) = 2.1 V
0.05
0.35
Vrms
Input voltage range
VIN(4)
ADI0, ADI1, and VDD
0VDD(4)
V
FIN(1)
XIN:
CI
≤ 35 kΩ
70
75
80
kHz
Input frequency
FIN(2)
FMIN: VIN(2), VDD(3) = 2.1 V
10
130
MHz
FIN(3)
FMIN: VIN(3), VDD(3) = 2.1 V
130
230
MHz
FIN(4)
AMIN(L): VIN(2), VDD(3) = 2.1 V
0.5
10
MHz
Allowable Operating Ranges at Ta = –20 to +70°C, VDD = 0.9 to 1.8 V


Similar Part No. - LC72345W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72345W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com