Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN10A25GTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN10A25GTA
Description  100V SOT223 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A25GTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN10A25GTA Datasheet HTML 1Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 2Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 3Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 4Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 5Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 6Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 7Page - Diodes Incorporated ZXMN10A25GTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN10A25G
Issue 1 - July 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-source breakdown voltage V(BR)DSS
100
V
ID= 250 A, VGS=0V
Zero gate voltage drain current
IDSS
0.5
AVDS= 100V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
2.0
4.0
V
ID= 250 A, VDS=VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
RDS(on)
0.125
VGS= 10V, ID= 2.9A
0.150
VGS= 6V, ID = 2.6A
Forward transconductance(*)(‡)
gfs
7.3
S
VDS= 15V, ID= 2.9A
Dynamic(‡)
Input capacitance
Ciss
859
pF
VDS= 50V, VGS=0V
f=1MHz
Output capacitance
Coss
57
pF
Reverse transfer capacitance
Crss
33
pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on-delay time
td(on)
4.9
ns
VDD= 50V, ID= 1A
RG≅6.0 , VGS= 10V
Rise time
tr
3.7
ns
Turn-off delay time
td(off)
18
ns
Fall time
tf
9.4
ns
Gate charge
Qg
9.6
nC
VDS= 50V, VGS= 5V
ID= 2.9A
Total gate charge
Qg
17
nC
VDS= 50V, VGS= 10V
ID= 2.9A
Gate-source charge
Qgs
3.8
nC
Gate drain charge
Qgd
5.4
nC
Source-drain diode
Diode forward voltage(*)
VSD
0.85
0.95
V
Tj=25°C, IS= 4A,
VGS=0V
Reverse recovery time(‡)
trr
40.5
ns
Tj=25°C, IS= 2.9A,
di/dt=100A/ s
Reverse recovery charge(‡)
Qrr
62
nC


Similar Part No. - ZXMN10A25GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A25GTA ZETEX-ZXMN10A25GTA Datasheet
624Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMN10A25GTA VBSEMI-ZXMN10A25GTA Datasheet
977Kb / 6P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - ZXMN10A25GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
ZXMN10A25G ZETEX-ZXMN10A25G Datasheet
624Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A08G DIODES-ZXMN10A08G Datasheet
447Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
ZXMN10A08G DIODES-ZXMN10A08G_15 Datasheet
523Kb / 7P
   100V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4310G DIODES-ZVN4310G_12 Datasheet
675Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
ZVN4310G DIODES-ZVN4310G_15 Datasheet
641Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A08G DIODES-ZXMN6A08G_15 Datasheet
471Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25G ZETEX-ZXMN6A25G Datasheet
654Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com