Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN10A08DN8TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN10A08DN8TC
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A08DN8TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN10A08DN8TC Datasheet HTML 1Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 2Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 3Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 4Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 5Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 6Page - Diodes Incorporated ZXMN10A08DN8TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = 100V; RDS(ON) = 0.25
ID = 2.1A
DESCRIPTION
This new generation of TRENCH MOSFETs from Zetex utilizes a unique structure
that combines the benefits of low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage, power management
applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Low profile SOIC package
APPLICATIONS
DC - DC converters
Power management functions
Disconnect switches
Motor control
DEVICE MARKING
ZXMN
10A08D
ZXMN10A08DN8
ISSUE 4 - JANUARY 2005
1
100V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN10A08DN8TA
7”
12mm
500 units
ZXMN10A08DN8TC
13”
12mm
2,500 units
ORDERING INFORMATION
Top View
PINOUT
SO8


Similar Part No. - ZXMN10A08DN8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A08DN8TC ZETEX-ZXMN10A08DN8TC Datasheet
181Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN10A08DN8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com