Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN10A08DN8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMN10A08DN8
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A08DN8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMN10A08DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMN10A08DN8 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXMN10A08DN8
SEMICO NDUC TORS
ISSUE 4 - JANUARY 2005
3
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMN10A08DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A08DN8 ZETEX-ZXMN10A08DN8 Datasheet
181Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A08DN8TA ZETEX-ZXMN10A08DN8TA Datasheet
181Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN10A08DN8TA VBSEMI-ZXMN10A08DN8TA Datasheet
1Mb / 8P
   N-Channel 100 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMN10A08DN8TC ZETEX-ZXMN10A08DN8TC Datasheet
181Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8_15 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN10A08DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com