Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN10A07F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN10A07F
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A07F Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN10A07F Datasheet HTML 1Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 2Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 3Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 4Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 5Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 6Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN10A07F
SEMICO NDUC TORS
ISSUE 5 - JULY 2003
2
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current @ VGS=10V; TA=25°C
(b)
@VGS=10V; TA=70°C
(b)
@VGS=10V; TA=25°C
(a)
ID
0.8
0.6
0.7
A
Pulsed Drain Current
(c)
IDM
3.5
A
Continuous Source Current (Body Diode)
(b)
IS
0.5
A
Pulsed Source Current (Body Diode)
(c)
ISM
3.5
A
Power Dissipation at TA=25°C
(a)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA=25°C
(b)
Linear Derating Factor
PD
806
6.4
mW
mW/°C
Operating and Storage Temperature Range
Tj;Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
200
°C/W
Junction to Ambient
(b)
R JA
155
°C/W
THERMAL RESISTANCE
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t
5 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.02, pulse width 300 s - pulse width limited by maximum junction temperature. Refer to
Transient Thermal Impedance graph.


Similar Part No. - ZXMN10A07F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A07F ZETEX-ZXMN10A07F Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A07FTA ZETEX-ZXMN10A07FTA Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A07FTC ZETEX-ZXMN10A07FTC Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A07F DIODES-ZXMN10A07F_15 Datasheet
271Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23 PACKAGE
More results

Similar Description - ZXMN10A07F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com