Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A08GTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN6A08GTC
Description  60V SOT223 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A08GTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN6A08GTC Datasheet HTML 1Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 2Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 3Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 4Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 5Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 6Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 7Page - Diodes Incorporated ZXMN6A08GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMN6A08G
Issue 1 - May 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air
conditions.
(b) For a device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating - 25mm x 25mm FR4 PCB, D=0.02, pulse width 300 s - pulse width limited by maximum junction
temperature.
Parameter
Symbol
Limit
Unit
Drain-source voltage
VDSS
60
V
Gate-source voltage
VGS
± 20
V
Continuous drain current
@ VGS = 10V; Tamb = 25°C
(b)
ID
5.3
A
@ VGS = 10V; Tamb = 70°C
(b)
4.2
@ VGS = 10V; Tamb = 25°C
(a)
3.8
Pulsed drain current(c)
IDM
20
A
Continuous source current (body diode)(b)
IS
2.1
A
Pulsed source current (body diode)(c)
ISM
20
A
Power dissipation at Tamb = 25°C
(a)
PD
2W
Linear derating factor
16
mW/°C
Power dissipation at Tamb = 25°C
(b)
PD
3.9
W
Linear derating factor
31
mW/°C
Operating and storage temperature range
Tj, Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
62.5
°C/W
Junction to ambient(b)
R JA
32
°C/W


Similar Part No. - ZXMN6A08GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08GTC ZETEX-ZXMN6A08GTC Datasheet
445Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN6A08GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A08G DIODES-ZXMN6A08G_15 Datasheet
471Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25G ZETEX-ZXMN6A25G Datasheet
654Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G ZETEX-ZXMN6A09G_07 Datasheet
525Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08GQ DIODES-ZXMN6A08GQ Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A08G ZETEX-ZXMN6A08G Datasheet
445Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25G DIODES-ZXMN6A25G_15 Datasheet
637Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A11G ZETEX-ZXMN6A11G_06 Datasheet
591Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com