Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN3A01FTC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMN3A01FTC
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A01FTC Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMN3A01FTC Datasheet HTML 1Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 2Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 3Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 4Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 5Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 6Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMN3A01F
ISSUE 2 - JULY 2002
6
0.1
1
10
0
50
100
150
200
250
300
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
V
DS -Drain -Source Voltage (V)
01
23
4
0
2
4
6
8
10
I
D
=2.5A
V
DS
= 15V
Gate-Source VoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
TYPICAL CHARACTERISTICS
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit


Similar Part No. - ZXMN3A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01FTC ZETEX-ZXMN3A01FTC Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A01FTC DIODES-ZXMN3A01FTC Datasheet
545Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN3A01FTC VBSEMI-ZXMN3A01FTC Datasheet
492Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ZXMN3A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com