Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2A01FTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN2A01FTA
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2A01FTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN2A01FTA Datasheet HTML 1Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 2Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 3Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 4Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 5Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 6Page - Diodes Incorporated ZXMN2A01FTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN2A01F
SEMICO NDUC TORS
ISSUE 2 - FEBRUARY 2006
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
200
°C/W
Junction to Ambient (b)
RθJA
155
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300 s - pulse width limited by maximum junction temperature.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current VGS=10V; TA=25°C (b)
VGS=10V; TA=70°C (b)
VGS=10V; TA=25°C (a)
ID
2.2
1.7
1.9
A
Pulsed Drain Current (c)
IDM
8A
Continuous Source Current (Body Diode) (b)
IS
1.29
A
Pulsed Source Current (Body Diode) (c)
ISM
8A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
806
6.4
mW
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXMN2A01FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01FTA ZETEX-ZXMN2A01FTA Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01FTA ZETEX-ZXMN2A01FTA Datasheet
216Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A01FTA DIODES-ZXMN2A01FTA Datasheet
389Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Microchip Technology
ZXMN2A01FTA MICROCHIP-ZXMN2A01FTA Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
More results

Similar Description - ZXMN2A01FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com