Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2A01F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN2A01F
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2A01F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN2A01F Datasheet HTML 1Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 2Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 3Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 4Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 5Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 6Page - Diodes Incorporated ZXMN2A01F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = 20V; RDS(ON) = 0.12
ID = 2.2A
DESCRIPTION
This new generation of trench MOSFETs from Zetex utilizes a unique structure that
combines the benefits of low on-resistance with fast switching speed. This makes
them ideal for high efficiency, low voltage, power management applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
SOT23 package
APPLICATIONS
DC - DC converters
Power management functions
Disconnect switches
Motor control
DEVICE MARKING
7N2
ZXMN2A01F
ISSUE 2 - FEBRUARY 2006
1
20V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN2A01FTA
7”
8mm
3000 units
ZXMN2A01FTC
13”
8mm
10000 units
ORDERING INFORMATION
Top View
PINOUT
SOT23


Similar Part No. - ZXMN2A01F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
216Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
ZXMN2A01F ZPSEMI-ZXMN2A01F Datasheet
177Kb / 3P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A01FTA ZETEX-ZXMN2A01FTA Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01FTA ZETEX-ZXMN2A01FTA Datasheet
216Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A01F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com