Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMHC10A07T8TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMHC10A07T8TA
Description  COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC10A07T8TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMHC10A07T8TA Datasheet HTML 1Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 2Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 3Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 4Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 5Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 6Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 7Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 8Page - Diodes Incorporated ZXMHC10A07T8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMHC10A07T8
SEMICO NDUC TORS
ISSUE 2 - JUNE 2005
5
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-100
V
ID= -250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1.0
AVDS= -100V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-2.0
-4.0
V
ID= -250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
1
1.45
VGS=-10V, ID= - 0.6A
VGS=-6V,ID=-0.5A
Forward Transconductance
(1) (3)
gfs
1.2
S
VDS= -15V, ID=-0.6A
DYNAMIC
(3)
Input Capacitance
Ciss
141
pF
VDS= -50V, VGS=0V
f=1MHz
Output Capacitance
Coss
13.1
pF
Reverse Transfer Capacitance
Crss
10.8
pF
SWITCHING
(2) (3)
Turn-On-Delay Time
td(on)
1.6
ns
VDD= -50V, ID=-1A
RG ≅ 6.0 ,VGS=-10V
Rise Time
tr
2.1
ns
Turn-Off Delay Time
td(off)
5.9
ns
Fall Time
tf
3.3
ns
Gate Charge
Qg
1.6
nC
VDS= -50V, VGS=-5V
ID= -0.6A
Total Gate Charge
Qg
3.5
nC
VDS= -50V, VGS=-10V
ID= -0.6A
Gate-Source Charge
Qgs
0.6
nC
Gate Drain Charge
Qgd
1.6
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
Tj=25°C, IS= -0.75A,
VGS=0V
Reverse Recovery Time
(3)
trr
29
ns
Tj=25°C, IS=-0.9A,
di/dt=100A/ s
Reverse Recovery Charge
(3)
Qrr
31
nC
P-Channel
ELECTRICAL CHARACTERISTICS (at T
amb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMHC10A07T8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8TA ZETEX-ZXMHC10A07T8TA Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8TA DIODES-ZXMHC10A07T8TA Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC10A07T8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
   100V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Unisonic Technologies
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com