Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMHC6A07T8TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMHC6A07T8TC
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC6A07T8TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMHC6A07T8TC Datasheet HTML 1Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 2Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 3Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 4Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 5Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 6Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 7Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 8Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMHC6A07T8
ISSUE 2 - MAY 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
60
V
ID=250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1µA
VDS=60V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
1
3.0
V
I
D
=250µA, VDS=VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.300
0.450
VGS=10V, ID=1.8A
VGS=4.5V, ID=1.3A
Forward Transconductance
(1)(3)
gfs
2.3
S
VDS=15V,ID=1.8A
DYNAMIC
(3)
Input Capacitance
Ciss
166
pF
VDS=40V, VGS=0V,
f=1MHz
Output Capacitance
Coss
19.5
pF
Reverse Transfer Capacitance
Crss
8.7
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
1.8
ns
VDD =30V, ID=1.8A
RG≅6.0Ω,VGS=10V
Rise Time
tr
1.4
ns
Turn-Off Delay Time
td(off)
4.9
ns
Fall Time
tf
2.0
ns
Gate Charge
Qg
1.65
nC
VDS=30V,VGS=5V,
ID=1.8A
Total Gate Charge
Qg
3.2
nC
VDS=30V,VGS=10V,
ID=1.8A
Gate-Source Charge
Qgs
0.67
nC
Gate-Drain Charge
Qgd
0.82
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
0.85
0.95
V
TJ=25°C, IS=0.45A,
VGS=0V
Reverse Recovery Time
(3)
trr
20.5
ns
TJ=25°C, IF=1.8A,
di/dt= 100A/µs
Reverse Recovery Charge
(3)
Qrr
21.3
nC
N-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
≤300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMHC6A07T8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8TC ZETEX-ZXMHC6A07T8TC Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8TC ZETEX-ZXMHC6A07T8TC Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC6A07T8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com