Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMHC6A07T8TC Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXMHC6A07T8TC
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC6A07T8TC Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXMHC6A07T8TC Datasheet HTML 2Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 3Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 4Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 5Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 6Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 7Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 8Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 9Page - Diodes Incorporated ZXMHC6A07T8TC Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ZXMHC6A07T8
ISSUE 2 - MAY 2005
10
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2005
PACKAGE OUTLINE
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Typ.
Min
Max
Typ.
Min
Max
Typ.
Min
Max
Typ.
A
-
1.7
-
-
0.067
-
e1
-
-
4.59
-
-
0.1807
A1
0.02
0.1
-
0.008 0.004
-
e2
-
-
1.53
-
-
0.0602
b
-
-
0.7
-
-
0.0275
He
6.7
7.3
-
0.264 0.287
-
c
0.24
0.32
-
0.009 0.013
-
Lp
0.9
-
-
0.035
-
-
D
6.3
6.7
-
0.248 0.264
-
-
15°
-
-
15°
-
E
3.3
3.7
-
0.130 0.145
-
-
-
10°
-
-
10°
PACKAGE DIMENSIONS
Controlling dimensions are in millimeters. Approximate conversions are given in inches


Similar Part No. - ZXMHC6A07T8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8TC ZETEX-ZXMHC6A07T8TC Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8TC ZETEX-ZXMHC6A07T8TC Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC6A07T8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com