Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMC3A17DN8TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMC3A17DN8TA
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3A17DN8TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMC3A17DN8TA Datasheet HTML 1Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 2Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 3Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 4Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 5Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 6Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 7Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 8Page - Diodes Incorporated ZXMC3A17DN8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMC3A17DN8
SEMICO NDUC TORS
ISSUE 1 - OCTOBER 2005
ADVANCE INFORMATION
5
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown
Voltage
V(BR)DSS
-30
V
ID= -250 A, VGS=0V
Zero Gate Voltage Drain
Current
IDSS
-1.0
AVDS= -30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold
Voltage
VGS(th)
-1.0
V
ID= -250 A, VDS=VGS
Static Drain-Source
On-State Resistance
(1)
RDS(on)
0.070
0.110
VGS= -10V, ID=-3.2A
VGS= -4.5V, ID= -2.5A
Forward
Transconductance
(1) (3)
gfs
6.4
S
VDS= -15V, ID= -3.2A
DYNAMIC
(3)
Input Capacitance
Ciss
630
pF
VDS= -15V, VGS=0V
f=1MHz
Output Capacitance
Coss
113
pF
Reverse Transfer
Capacitance
Crss
78
pF
SWITCHING
(2) (3)
Turn-On-Delay Time
td(on)
1.7
ns
VDD=-15V, ID=-1A
RG ≅ 6.0 ,
VGS= -10V
Rise Time
tr
2.9
ns
Turn-Off Delay Time
td(off)
29.2
ns
Fall Time
tf
8.7
ns
Gate Charge
Qg
8.3
nC
VDS= -15V, VGS=-5V
ID= -3.2A
Total Gate Charge
Qg
15.8
nC
VDS= -15V, VGS=
-10V
ID= -3.2A
Gate-Source Charge
Qgs
1.8
nC
Gate Drain Charge
Qgd
2.8
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
Tj=25°C, IS= -2.5A,
VGS=0V
Reverse Recovery Time
(3)
trr
19.5
ns
Tj=25°C, IS= -1.7A,
di/dt=100A/ s
Reverse Recovery Charge
(3)
Qrr
16.3
nC
P-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES:
(1)
Measured under pulsed conditions. Pulse width
300ms; Duty cycle
2%.
(2)
Switching characteristics are independent of operating junction temperature.
(3)
For design aid only, not subject to production testing.


Similar Part No. - ZXMC3A17DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8TA ZETEX-ZXMC3A17DN8TA Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A17DN8TA ZETEX-ZXMC3A17DN8TA Datasheet
279Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3A17DN8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
logo
Pan Jit International I...
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
   30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com