Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM61N02F Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXM61N02F
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM61N02F Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXM61N02F Datasheet HTML 1Page - Diodes Incorporated ZXM61N02F Datasheet HTML 2Page - Diodes Incorporated ZXM61N02F Datasheet HTML 3Page - Diodes Incorporated ZXM61N02F Datasheet HTML 4Page - Diodes Incorporated ZXM61N02F Datasheet HTML 5Page - Diodes Incorporated ZXM61N02F Datasheet HTML 6Page - Diodes Incorporated ZXM61N02F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
DIM
Millimetres
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
1.10
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM 0.95
NOM 0.037
ZXM61N02F
7
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1999
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any
purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the
right to alter without notice the specification, design, price or conditions of supply of any product or service.
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM61N02F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM61N02F ZETEX-ZXM61N02F Datasheet
208Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
ZXM61N02F ZPSEMI-ZXM61N02F Datasheet
237Kb / 3P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM61N02FTA ZETEX-ZXM61N02FTA Datasheet
208Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM61N02FTA VBSEMI-ZXM61N02FTA Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXM61N02FTC ZETEX-ZXM61N02FTC Datasheet
208Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM61N02F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com