Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1366 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1366
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1366 Datasheet HTML 1Page - Diodes Incorporated ZXLD1366 Datasheet HTML 2Page - Diodes Incorporated ZXLD1366 Datasheet HTML 3Page - Diodes Incorporated ZXLD1366 Datasheet HTML 4Page - Diodes Incorporated ZXLD1366 Datasheet HTML 5Page - Diodes Incorporated ZXLD1366 Datasheet HTML 6Page - Diodes Incorporated ZXLD1366 Datasheet HTML 7Page - Diodes Incorporated ZXLD1366 Datasheet HTML 8Page - Diodes Incorporated ZXLD1366 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 5 - 2
5 of 32
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Device Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a self-oscillating continuous-mode buck
converter.
Device operation (refer to Figure 1 - Block diagram and Figure 2 Operating waveforms)
Operation can be best understood by assuming that the ADJ pin of the device is unconnected and the voltage on this pin
(VADJ) appears directly at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no output from the current sense
circuit. Under this condition, the (-) input to the comparator is at ground and its output is high. This turns MN on and switches
the LX pin low, causing current to flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined
by VIN and L1 to produce a voltage ramp (VSENSE) across RS. The supply referred voltage VSENSE is forced across internal
resistor R1 by the current sense circuit and produces a proportional current in internal resistors R2 and R3. This produces a
ground referred rising voltage at the (-) input of the comparator. When this reaches the threshold voltage (VADJ), the
comparator output switches low and MN turns off. The comparator output also drives another NMOS switch, which
bypasses internal resistor R3 to provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 15%
of VADJ.
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The current decays at a rate
determined by the LED(s) and diode forward voltages to produce a falling voltage at the input of the comparator. When this
voltage returns to VADJ, the comparator output switches high again. This cycle of events repeats, with the comparator input
ramping between limits of VADJ ± 15%.
Switching thresholds
With VADJ = VREF, the ratios of R1, R2 and R3 define an average VSENSE switching threshold of 200mV (measured on the
ISENSE pin with respect to VIN). The average output current IOUTnom is then defined by this voltage and RS according to:
IOUTnom = 200mV/RS
Nominal ripple current is ±30mV/RS
Adjusting output current
The device contains a low pass filter between the ADJ pin and the threshold comparator and an internal current limiting
resistor (50k
Ω nom) between ADJ and the internal reference voltage. This allows the ADJ pin to be overdriven with either
DC or pulse signals to change the VSENSE switching threshold and adjust the output current.
Details of the different modes of adjusting output current are given in the applications section.
Output shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit falls below the threshold
(0.2V nom.), the internal regulator and the output switch are turned off. The voltage reference remains powered during
shutdown to provide the bias current for the shutdown circuit. Quiescent supply current during shutdown is nominally 60
μA
and switch leakage is below 5
μA.


Similar Part No. - ZXLD1366

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366DACTC DIODES-ZXLD1366DACTC Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366DACTC DIODES-ZXLD1366DACTC Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366EN8TC DIODES-ZXLD1366EN8TC Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
More results

Similar Description - ZXLD1366

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
   High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
   1A LED driver with internal switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
   1A LED Driver with Internal Switch
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
   1A LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
   1A LED driver with internal switch
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
   1A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com