Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1360 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXLD1360
Description  30V 1A LED DRIVER with AEC-Q100
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXLD1360 Datasheet HTML 6Page - Diodes Incorporated ZXLD1360 Datasheet HTML 7Page - Diodes Incorporated ZXLD1360 Datasheet HTML 8Page - Diodes Incorporated ZXLD1360 Datasheet HTML 9Page - Diodes Incorporated ZXLD1360 Datasheet HTML 10Page - Diodes Incorporated ZXLD1360 Datasheet HTML 11Page - Diodes Incorporated ZXLD1360 Datasheet HTML 12Page - Diodes Incorporated ZXLD1360 Datasheet HTML 13Page - Diodes Incorporated ZXLD1360 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
10 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Operating Characteristics (Cont.)
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
ZXLD1360 Output C urrent
L = 100µH
1060
900
1040
1020
1000
980
960
940
920
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Output C urrent
L = 100µH
10%
-10%
8%
6%
4%
2%
0%
-4%
-6%
-8%
-2%
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Switching Frequency
L =100µH
600
500
400
300
200
100
0
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Duty Cycle
L = 100µH
100
0
90
80
70
60
50
30
20
10
40


Similar Part No. - ZXLD1360

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
   1A LED driver with internal switch
ZXLD1360ET5TA ZETEX-ZXLD1360ET5TA Datasheet
716Kb / 28P
   1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
More results

Similar Description - ZXLD1360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
   30V 350mA LED DRIVER with AEC-Q100
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1362 DIODES-ZXLD1362_12 Datasheet
365Kb / 24P
   60V 1A LED DREIVER WITH AEC-Q100
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
   60V 550mA LED DRIVER with AEC-Q100
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
   30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
   30V 1A LED driver with internal switch
logo
Diodes Incorporated
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
   30V 1A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com