Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89874UMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89874UMGTR
Description  2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89874UMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89874UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89874UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY89874U
Micrel, Inc.
M9999-031208
hbwhelp@micrel.com or (408) 955-1690
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Due to the limited drive capability use for input of the same package only.
Note 4.
Junction-to-board resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the pcb.
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) .................................. –0.5V to +4.0V
Input Voltage (V
IN) .................................. –0.5V to VCC+0.3
ECL Output Current (I
OUT)
Continuous ......................................................... 50mA
Surge ................................................................ 100mA
Input Current IN, /IN (I
IN) .......................................... ±50mA
V
T Current (IVT) ...................................................... ±100mA
V
REF-AC Sink/Source Current (IVREF-AC), Note 3 ....... ±2mA
Lead Temperature (soldering 20 sec.) ...................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage (V
CC) ................ +3.3V ±10% or +2.5V ±5%
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MLF®
JA)
Still-Air ............................................................. 60
°C/W
500lfpm ............................................................ 54
°C/W
MLF®
JB), Note 4
Junction-to-Board ............................................ 32
°C/W
TA= –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
3.63
V
ICC
Power Supply Current
No load, max. VCC
50
75
mA
RIN
Differential Input Resistance
90
100
110
(IN-to-/IN)
VIH
Input High Voltage (IN, /IN)
Note 3
0.1
VCC+0.3
V
VIL
Input Low Voltage (IN, /IN)
Note 3
–0.3
VIH–0.1
V
VIN
Input Voltage Swing
Notes 3, 4
0.1
VCC
V
VDIFF_IN
Differential Input Voltage Swing
Notes 3, 4, 5
0.2
V
|IIN|
Input Current (IN, /IN)
Note 3
––
45
mA
VREF-AC
Reference Voltage
Note 6
VCC–1.525 VCC–1.425 VCC–1.325
V
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
Note 3.
Due to the internal termination (see
“Input Structures” ) the input current depends on the applied voltages at IN, /IN and VT inputs. Do not apply
a combination of voltages that causes the input current to exceed the maximum limit!
Note 4.
See
“Timing Diagram” for VIN definition. VIN (Max) is specified when VT is floating.
Note 5.
See
“Typical Operating Characteristics” section for VDIFF definition.
Note 6.
Operating using VIN is limited to AC-coupled PECL or CML applications only. Connect directly to VT pin.
DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
VCC = 3.3V ±10% or 2.5V ±5%; TA = –40°C to +85°C, RL = 50Ω to VCC –2V; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage
VCC–1.145 VCC–1.020 VCC–0.895
V
VOL
Output Low Voltage
VCC–1.945 VCC–1.820 VCC–1.695
V
VOUT
Output Voltage Swing
550
800
1050
mV
VDIFF_OUT
Differential Output Voltage Swing
1.10
1.60
2.10
V
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
(100KEP) LVPECL DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)


Similar Part No. - SY89874UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89874UMGTR MICREL-SY89874UMGTR Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
More results

Similar Description - SY89874UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com