Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY898530UTZ Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY898530UTZ
Description  500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898530UTZ Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY898530UTZ Datasheet HTML 1Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 2Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 3Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 4Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 5Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 6Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 7Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 8Page - Micrel Semiconductor SY898530UTZ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY898530U
January 2011
5
M9999-013111-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.135V to 3.465V, VCCO = 2.375V to 2.625V, TA = 0°C to +70°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fMAX
Maximum Frequency
500
MHz
tPD
Propagation Delay
Note 7
1
2
ns
Output-to-Output skew
Note 8, 10
26
50
ps
tSkew
Part-to-Part Skew
Notes 9, 10
250
ps
tJITTER
Integration Range = 12kHz
− 20MHz
Output = 312MHz
477
fs
tR, tF
Output Rise/Fall Times
(20% to 80%)
At full output swing.
300
700
ps
Duty Cycle
47
50
53
%
Notes:
7.
Measured from the differential input crossing point to the differential output crossing point.
8.
Output-to-Output skew is the difference in time between outputs, receiving data from the same input, for the same temperature, voltage and
transition.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the respective
inputs.
10. This parameter is defined in accordance with JEDEC Standard 65.


Similar Part No. - SY898530UTZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY898530UTZTX MICREL-SY898530UTZTX Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
More results

Similar Description - SY898530UTZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L853141 ONSEMI-NB3L853141_15 Datasheet
113Kb / 10P
   2.5V/3.3V 1:5 LVPECL Fanout Buffer
December, 2015 ??Rev. 2
NB7L1008 ONSEMI-NB7L1008 Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
logo
Integrated Device Techn...
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
   Differential-to-2.5V/3.3V LVPECL Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
logo
Micrel Semiconductor
SY898530U MICREL-SY898530U_11 Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
logo
Integrated Circuit Syst...
ICS8530 ICST-ICS8530 Datasheet
136Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
logo
ON Semiconductor
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com