Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY897132LKG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY897132LKG
Description  1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY897132LKG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY897132LKG Datasheet HTML 2Page - Micrel Semiconductor SY897132LKG Datasheet HTML 3Page - Micrel Semiconductor SY897132LKG Datasheet HTML 4Page - Micrel Semiconductor SY897132LKG Datasheet HTML 5Page - Micrel Semiconductor SY897132LKG Datasheet HTML 6Page - Micrel Semiconductor SY897132LKG Datasheet HTML 7Page - Micrel Semiconductor SY897132LKG Datasheet HTML 8Page - Micrel Semiconductor SY897132LKG Datasheet HTML 9Page - Micrel Semiconductor SY897132LKG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY897132L
January 2011
7
M9999-011911-G
hbwhelp@micrel.com
Timing Diagrams
Figure 1a. Propagation Delay
Figure 1b. Output Enable/Disable Timing (Measured at 50%)
or (408) 955-1690


Similar Part No. - SY897132LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132LKG MICREL-SY897132LKG Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132LKGTR MICREL-SY897132LKGTR Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
More results

Similar Description - SY897132LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI-SN65LVCP15 Datasheet
302Kb / 9P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com