Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89874U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89874U
Description  2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89874U Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89874U_08 Datasheet HTML 2Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 3Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 4Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 5Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 6Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 7Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 8Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 9Page - Micrel Semiconductor SY89874U_08 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precision Edge®
SY89874U
Micrel, Inc.
M9999-031208
hbwhelp@micrel.com or (408) 955-1690
INPUT BUFFER STRUCTURE
VCC
GND
50
50
IN
VT
/IN
1.86k
1.86k
1.86k
1.86k
Figure 2a. Simplified Differential Input Buffer
VCC
GND
S0
S1
S2
/RESET
R
25k
R
Figure 2b. Simplified TTL/CMOS Input Buffer
DEFINITION OF SINGLE-ENDED AND DIFFERENTIAL SWING
VIN, VOUT
800mV
(typical)
1600mV (typical)
VDIFF_IN, VDIFF_OUT
Figure 1a. Single-Ended Swing
Figure 1b. Differential Swing


Similar Part No. - SY89874U_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
More results

Similar Description - SY89874U_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com