Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1321 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1321 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXLD1321 Datasheet HTML 6Page - Diodes Incorporated ZXLD1321 Datasheet HTML 7Page - Diodes Incorporated ZXLD1321 Datasheet HTML 8Page - Diodes Incorporated ZXLD1321 Datasheet HTML 9Page - Diodes Incorporated ZXLD1321 Datasheet HTML 10Page - Diodes Incorporated ZXLD1321 Datasheet HTML 11Page - Diodes Incorporated ZXLD1321 Datasheet HTML 12Page - Diodes Incorporated ZXLD1321 Datasheet HTML 13Page - Diodes Incorporated ZXLD1321 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
10
www.zetex.com
© Zetex Semiconductors plc 2008
Low voltage operation (start-up mode)
For supply voltages below 2V, the normal control loop will have insufficient headroom to operate
reliably. This condition is detected by the 'under-voltage comparator', which compares a fraction
of the internal supply voltage (Vcc) against VREF. When the comparator output is active
(Vcc<1.8V), the output of the normal switch drive circuit is disabled and an alternative 'Start-up
oscillator and driver' enabled. The start-up oscillator provides a nominal 50kHz fixed frequency
drive signal to the base of the switch transistor, which is independent of VADJ and the voltage on
CFB. Under low voltage conditions, the peak current in the coil ramps to approximately 25% of
the normal value and the "OFF" time is fixed.
The low voltage start-up mode allows the device to operate down to 1.2V nominal. This allows
the chip to work from a single cell in boost mode and by configuring the device in Bootstrap
mode, normal operation of the control loop will occur once the output has risen above 2.2V.
Details of Bootstrap-Boost mode are given in the application notes.
ADJ pin
The ADJ pin is connected to the internal 500mV reference (VREF) via a 100k resistor. This biases
the ADJ pin to the reference voltage and defines nominal 100% LED current.
The ADJ pin can be overdriven with an external dc voltage between 50mV and 500mV to reduce
the LED current proportionally between 10% and 100% of the nominal value.
LED current can also be adjusted by applying a low frequency PWM signal to the ADJ pin to turn
the device On and Off. This will produce an average output current proportional to the duty cycle
of the control signal.
The device can be shut down by shorting the ADJ pin to ground, or pulling it to a voltage below
28mV with a suitable open collector NPN or open drain NMOS transistor. In the shutdown state,
most of the circuitry inside the device is switched off and residual quiescent current will be
typically 12µA.
Thermal control of LED current
The 'Thermal compensation current' circuit produces a sourcing current (Itc) which is zero for
voltages above 75mV on TADJ and increases to 100µA when TADJ falls to 50mV. This current is
summed into the control node and subtracted from the demand current, causing LED current to
reduce from 100% down to zero over this input range. The potential divider, consisting of a fixed
resistor Rt and an NTC Thermistor Rth between VREF and ground, defines the voltage on TADJ
and sets the threshold temperature. Further details are given in the application notes.
The Thermal Control feature can be disabled by leaving the TADJ pin floating, or by connecting
it to VREF.
Over-temperature shutdown
The ZXLD1321 incorporates an over-temperature shutdown circuit to protect the device against
damage caused by excess die temperature, resulting from excessive power dissipation in the
switch. The output of the 'Over-temp Shutdown' circuit will go high when the die temperature
exceeds 150°C (nominal). This will turn off the drive to the switch during normal operation.
Operation will resume when the device has cooled to a safe level.


Similar Part No. - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A output and current control
ZXLD1321DCATC ZETEX-ZXLD1321DCATC Datasheet
470Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A output and current control
More results

Similar Description - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A output and current control
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
   Buck mode DC-DC converter for LED driving
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
   current mode boost DC-DC converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com