Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89833LMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89833LMG
Description  3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89833LMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89833LMG Datasheet HTML 1Page - Micrel Semiconductor SY89833LMG Datasheet HTML 2Page - Micrel Semiconductor SY89833LMG Datasheet HTML 3Page - Micrel Semiconductor SY89833LMG Datasheet HTML 4Page - Micrel Semiconductor SY89833LMG Datasheet HTML 5Page - Micrel Semiconductor SY89833LMG Datasheet HTML 6Page - Micrel Semiconductor SY89833LMG Datasheet HTML 7Page - Micrel Semiconductor SY89833LMG Datasheet HTML 8Page - Micrel Semiconductor SY89833LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY89833L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
August 2007
DESCRIPTION
■ Guaranteed AC performance over temperature
and voltage:
• DC-to > 2GHz throughput
• <600ps propagation delay (IN-to-Q)
• <20ps within-device skew
• <190ps rise/fall times
■ Ultra-low jitter design
• <1ps
RMS cycle-to-cycle jitter
• <10ps
PP total jitter
• <1ps
RMS random jitter
• <10ps
PP deterministic jitter
■ Unique input termination and VT pin accepts DC-
and AC-coupled inputs
■ High-speed LVDS outputs
■ 3.3V power supply operation
■ Industrial temperature range: –40°C to +85°C
■ Available in 16-pin (3mm x 3mm) MLF® package
FEATURES
3.3V ULTRA-PRECISION 1:4 LVDS
FANOUT BUFFER/TRANSLATOR
WITH INTERNAL TERMINATION
Precision Edge®
SY89833L
APPLICATIONS
■ Processor clock distribution
■ SONET clock distribution
■ Fibre Channel clock distribution
■ Gigabit Ethernet clock distribution
1
The SY89833L is a 3.3V, high-speed 2GHz differential
Low Voltage Differential Swing (LVDS) 1:4 fanout buffer
optimized for ultra-low skew applications. Within device skew
is guaranteed to be less than 20ps over supply voltage and
temperature.
The differential input buffer has a unique internal
termination design that allows access to the termination
network through a VT pin. This feature allows the device to
easily interface to different logic standards. A VREF-AC
reference is included for AC-coupled applications.
The SY89833L is part of Micrel’s high-speed clock
synchronization family. For 2.5V applications, the SY89832U
provides similar functionality while operating from a 2.5V
±5% supply. For applications that require a different I/O
combination, consult the Micrel website at: www.micrel.com,
and choose from a comprehensive product line of high-
speed, low-skew fanout buffers, translators and clock
generators.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
622MHz Output
TIME (321.9ps/div.)
IN
/IN
DQ
Q3
/Q3
Q2
/Q2
Q1
/Q1
Q0
/Q0
EN
(LVTTL/CMOS)
VT
50Ω
50Ω
VREF-AC
1:4
Precision Edge®


Similar Part No. - SY89833LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833LMG MICREL-SY89833LMG Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833LMGTR MICREL-SY89833LMGTR Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89833LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com