Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89837U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89837U
Description  PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89837U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89837U_10 Datasheet HTML 1Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89837U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Precision Edge®
SY89837U
Micrel, Inc.
M9999-060410
hbwhelp@micrel.com or (408) 955-1690
Case #2 Input Clock Failure: Switching from a selected clock
stuck HIGH to a valid clock (RPE enabled).
If CLK1 fails HIGH before the RPE MUX selects CLK2
(using the SEL pin), the switchover will occur in three
stages:
Stage 1: The output will remain HIGH for a limited
number of pulses of CLK2.
Stage 2: The output will switch to LOW and then
remain LOW for a limited number of falling edges
of CLK2.
Stage 3: The output will follow CLK2.
Case #3 Input Clock Failure: Switching from a selected clock
stuck LOW to a valid clock (RPE enabled).
If CLK1 fails LOW before the RPE MUX selects CLK2
(using the SEL pin), the switchover will occur in two stages.
Stage 1: The output will remain LOW for a lim-
ited number of falling edges of CLK2.
Stage 2: The output will follow CLK2.
Figure3. TimingDiagram2(1)
Note:
1. Output shows extended clock cycle during switchover. Pulse width for both high and low of this cycle will always be greater than 50% of the CLK2
period.
Figure4. TimingDiagram3


Similar Part No. - SY89837U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837UMG MICREL-SY89837UMG Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMGTR MICREL-SY89837UMGTR Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMI MICREL-SY89837UMI Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMITR MICREL-SY89837UMITR Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
More results

Similar Description - SY89837U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com