Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89833LMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89833LMI
Description  3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89833LMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89833LMI Datasheet HTML 1Page - Micrel Semiconductor SY89833LMI Datasheet HTML 2Page - Micrel Semiconductor SY89833LMI Datasheet HTML 3Page - Micrel Semiconductor SY89833LMI Datasheet HTML 4Page - Micrel Semiconductor SY89833LMI Datasheet HTML 5Page - Micrel Semiconductor SY89833LMI Datasheet HTML 6Page - Micrel Semiconductor SY89833LMI Datasheet HTML 7Page - Micrel Semiconductor SY89833LMI Datasheet HTML 8Page - Micrel Semiconductor SY89833LMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89833L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
August 2007
TIMING DIAGRAM
tS
IN
/Q
Q
tpd
tH
EN
VCC/2
VCC/2
tpd
VIN
VOUT
/IN
V
CC = +3.3V ±10%; RL = 100Ω across the outputs; TA = –40°C to +85°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Frequency
V
OUT ≥ 200mV
2.0
GHz
t
pd
Propagation Delay
IN-to-Q
V
IN < 400mV
400
500
600
ps
IN-to-Q
V
IN ≥ 400mV
330
440
530
ps
t
SKEW
Within-Device Skew
Note 8
520
ps
Part-to-Part Skew
Note 9
200
ps
t
S
Set-Up Time
EN to IN, /IN
Note 10
300
ps
t
H
Hold Time
EN to IN, /IN
Note 10
500
ps
t
JITTER
Data
Random Jitter (RJ)
Note 11
1ps
RMS
Deterministic Jitter (DJ)
Note 12
10
ps
PP
Clock
Cycle-to-Cycle Jitter
Note 13
1ps
RMS
Total Jitter (TJ)
Note 14
10
ps
PP
t
r, tf
Output Rise/Fall Times
At full output swing.
60
110
190
ps
(20% to 80%)
Notes:
7.
High-frequency AC parameters are guaranteed by design and characterization.
8.
Within device skew is measured between two different outputs under identical input transitions.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the respective
inputs.
10. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications,
set-up and hold times do not apply.
11. Random jitter is measured with a K28.7 pattern, measured at ≤fMAX.
12. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 223–1 PRBS pattern.
13. Cycle-to-cycle jitter definition: The variation period between adjacent cycles over a random sample of adjacent cycle pairs. t
JITTER_CC = Tn –Tn+1,
where T is the time between rising edges of the output signal.
14. Total jitter definition: with an ideal clock input frequency of ≤ fMAX (device), no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS(7)


Similar Part No. - SY89833LMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833LMI MICREL-SY89833LMI Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
SY89833LMITR MICREL-SY89833LMITR Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
More results

Similar Description - SY89833LMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com